PART |
Description |
Maker |
IDT71V35761 IDT71V35761YS200BG IDT71V35761YS200BGI |
CABLE, COAX, RG58, LSF, BLACK, 100M; Length, Reel (Imperial):328ft; Attenuation, 1 GHz:50.0dB; Attenuation, 10 MHz:4.5dB; Attenuation, 200 MHz:22.0dB; Attenuation, 400MHz:32.0dB; Capacitance:100pF/m; Conductor make-up:19/0.18 mm; RoHS Compliant: Yes CABLE, COAX, RG5900, WHITE, 100M; Attenuation, 1 GHz:42.9dB; Attenuation, 100 MHz:11.6dB; Attenuation, 400MHz:25.0dB; Attenuation, 5.0 MHz:2.9dB; Attenuation, 50 MHz:8.0dB; Capacitance:67pF/m; Colour, primary insulation:White; RoHS Compliant: Yes CABLE, COAX, RG5900, BLACK, 500M; Length, Reel (Imperial):1640.4ft; Attenuation, 1 GHz:42.9dB; Attenuation, 100 MHz:11.6dB; Attenuation, 400MHz:25.0dB; Attenuation, 5.0 MHz:2.9dB; Attenuation, 50 MHz:8.0dB; Capacitance:67pF/m; RoHS Compliant: Yes CABLE, COAX, RG59, LSF, BLACK, 100M; Length, Reel (Imperial):328ft; Attenuation, 1 GHz:42.9dB; Attenuation, 100 MHz:11.6dB; Attenuation, 400MHz:25.0dB; Attenuation, 5.0 MHz:2.9dB; Attenuation, 50 MHz:8.0dB; Capacitance:67pF/m; RoHS Compliant: Yes CABLE, COAX, RG58, LSF, BLACK, 500M; Attenuation, 1 GHz:50.0dB; Attenuation, 10 MHz:4.5dB; Attenuation, 200 MHz:22.0dB; Attenuation, 400MHz:32.0dB; Capacitance:100pF/m; Conductor make-up:19/0.18 mm; Diameter, External:4.95mm; RoHS Compliant: Yes CABLE, COAX, RG5900, WHITE, 500M; Length, Reel (Imperial):1640.4ft; Attenuation, 1 GHz:42.9dB; Attenuation, 100 MHz:11.6dB; Attenuation, 400MHz:25.0dB; Attenuation, 5.0 MHz:2.9dB; Attenuation, 50 MHz:8.0dB; Capacitance:67pF/m; RoHS Compliant: Yes CABLE, COAX, TWIN, BLACK, COMP, 100M; Length, Reel (Imperial):328ft; Attenuation, 1 GHz:42.9dB; Attenuation, 100 MHz:11.6dB; Attenuation, 300 MHz:21.2dB; Attenuation, 400MHz:25.0dB; Attenuation, 5.0 MHz:2.9dB; Attenuation, 50 RoHS Compliant: Yes CABLE, COAX, RG59, LSF, BLACK, 500M; Length, Reel (Imperial):1640.4ft; Attenuation, 1 GHz:42.9dB; Attenuation, 100 MHz:11.6dB; Attenuation, 400MHz:25.0dB; Attenuation, 5.0 MHz:2.9dB; Attenuation, 50 MHz:8.0dB; Capacitance:67pF/m; RoHS Compliant: Yes CHOKE COIL 1000UH 410MA SMD CHOKE COIL 180UH 930MA SMD RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 5K/AMMO 128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.3 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.3 ns, PQFP100 RECTIFIER FAST-RECOVERY SINGLE 3A 800V 150A-ifsm 1.7V-vf 75ns 5uA-ir DO-201AD 5K/REEL-13 256K X 18 CACHE SRAM, 3.3 ns, PBGA165 128K x 36/ 256K x 18 3.3V Synchronous SRAMs 3.3V I/O/ Pipelined Outputs Burst Counter/ Single Cycle Deselect RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK 256K X 18 CACHE SRAM, 3.3 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect 128K的3656 × 18 3.3同步SRAM.3V的I / O的输出脉冲计数器流水线,单周期取 128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.1 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PBGA165
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
P500050 |
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 50-ft
|
Tripp Lite. All Rights ...
|
PE-SR402FLJ |
Formable 141 Semirigid Coax Cable with Tinned Braid Outer Conductor and Black FEP Jacket
|
Pasternack Enterprises,...
|
JQX-116F-1_ACAF1H JQX-116F-1_ACAF2H JQX-116F-1_DCD |
MINIATURE HIGH POWER RELAY From old datasheet system CABLE, SEC, BLACK, 6.75X12.7MM, 152.4M; Cores, No. of:3; Conductor make-up:7/26; Area, conductor CSA:0.891mm2; Material, secondary insulation:PVC; Length, Reel (Imperial):500ft; Attenuation, 1 GHz:7.1dB; Attenuation, 1 MHz:0.20dB; RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-59/U, Color: Black, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18 Coax/18 Pr; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-6/U, Color: Black, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC Access Control Composite Cable; Composite Conductor Types:10 Conductors 3 Pairs; Number of Conductors:16; Conductor Size AWG:18-16; No. Strands x Strand Size:7 x 26, 19 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-59/U, Color: Black, Length: 500 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:20 Coax/18 Pr; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes Security Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes 2 PR #20 PVC FS FRPVC CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18 Coax/18 Pr; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes CABLE, SEC, COAX, 5.89MM, 152.4M; Cores, No. of:1; Conductor make-up:1.0.80 mm; Area, conductor CSA:0.519mm2; Material, secondary insulation:PVC; Attenuation, 1 GHz:8.50dB; Attenuation, 1 MHz:0.30dB; Attenuation, 10 MHz:0.90dB; RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:White RoHS Compliant: Yes 微型大功率继电器 CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes 微型大功率继电器 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes 微型大功率继电器 Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft RoHS Compliant: Yes 微型大功率继电器
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
CONREVSMA007-R58 |
RP-SMA MALE CABLE END CRIMP FOR RG58 CABLE
|
List of Unclassifed Man...
|
PE317-72 |
3.5mm Male to 3.5mm Female Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
|
Pasternack Enterprises, Inc.
|
1674ATIN100 |
Coax - 50 Ohm Microwave Cable
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
RG401-U |
RG401 Coax Cable with Copper
|
Pasternack Enterprises,...
|
PE315-72 |
3.5mm Male to 3.5mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
|
Pasternack Enterprises, Inc.
|
|